Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5V330L-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US5V330L-R16-R
Description  WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5V330L-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US5V330L-R16-R Datasheet HTML 1Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 2Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 3Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 4Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 5Page - Unisonic Technologies US5V330L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US5V330
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-908.a
POWER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX UNIT
Quiescent Power Supply
Current
ICC
VCC=Max.
IN=GND or VCC
0.1
3.0
µA
Supply Current per Input @
TTL HIGH
∆ICC
VCC=Max.
IN=3.4V (Note 3)
2.5
mA
Supply Current per Input per
MHz (Note 4)
ICCD
VCC=Max., S1, S2 and D Pins Open
EN
= GND Control Input Toggling 50%
Duty Cycle
0.25
mA
MHz
Notes:1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device.
2. Typical values are at VCC=5.0V, +25°C ambient.
3. Per TTL driven input (VIN=3.4V, control inputs only); S1, S2, and D pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal
capacitance at the specified frequency. The S1, S2, and D I/O pins generate no significant AC or DC
currents as they transition. This parameter is not tested, but is guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com