Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF8143GS08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # VF8143GS08-R
Description  LOW-COST Three-Channel 4TH-ORDER STANDARDDEFINITION VIDEO FILTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VF8143GS08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  VF8143GS08-R Datasheet HTML 1Page - Unisonic Technologies VF8143GS08-R Datasheet HTML 2Page - Unisonic Technologies VF8143GS08-R Datasheet HTML 3Page - Unisonic Technologies VF8143GS08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
VF8143
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-956.b
LOW-COST Three-Channel
4TH-ORDER STANDARD-
DEFINITION VIDEO FILTERS
DESCRIPTION
The UTC VF8143 Low-Cost Video Filter (LCVF) offers three
channels of 4th-order filters for standard-definition and drivers with
a low-cost integrated device.
The UTC VF8143 inputs feature a transparent clamp
compatible with AC- coupled and DC-coupled input signals and
allows DAC outputs to be directly coupled.
The outputs can drive AC- or DC-coupled single (150Ω) or dual
(75Ω) loads. The input DC levels are offset approximately +280mV
at the output (see Applications section for details).
The UTC VF8143 is ideal for DAC smoothing in applications
such as cable set-top boxes, satellite set-top boxes, HDTV, video
on demand (VOD), DVD players, and personal video recorders.
FEATURES
* Three-Channel 4th-order 8MHz filters for SD video
* Transparent input clamping
* AC-or DC-coupled inputs
* AC-or DC-coupled outputs
* Drives single, +6dB output (150Ω)
* Drives dual, +6dB output (75Ω)
* DC-coupled outputs eliminate AC-coupling capacitors
* Single +5V power supply
* Robust 8kV ESD protection
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
VF8143L-S08-R
VF8143GS08-R
SOP-8
Tape Reel


Similar Part No. - VF8143GS08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VF8143GS08-R UTC-VF8143GS08-R Datasheet
164Kb / 5P
LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
More results

Similar Description - VF8143GS08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_07 Datasheet
495Kb / 11P
Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6141 FAIRCHILD-FMS6141_06 Datasheet
274Kb / 11P
Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
Unisonic Technologies
VF8143 UTC-VF8143 Datasheet
164Kb / 5P
LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
VF8146 UTC-VF8146 Datasheet
182Kb / 5P
LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
VF8146 UTC-VF8146_15 Datasheet
182Kb / 5P
LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com