Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGA7S019G-XX-R16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # VGA7S019G-XX-R16-R
Description  7-CHANNEL INTEGRATED ESD SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

VGA7S019G-XX-R16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  VGA7S019G-XX-R16-R Datasheet HTML 1Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 2Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 3Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 4Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 5Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 6Page - Unisonic Technologies VGA7S019G-XX-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VGA7S019
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R223-024.b
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC_VIDEO Supply Current
ICC_VIDEO
VCC_VIDEO=5V, VIDEO Inputs at VCC_VIDEO
or GND
1
10
µA
VCC_DDC Supply Current
ICC_DDC VCC_DDC=5V
1
10
µA
VCC_SYNC Supply Current
ICC_SYNC VCC_SYNC=5V,
SYNC Inputs at GND or
VCC_SYNC, SYNC Outputs
Unloaded
1
50
µA
SYNC Inputs at 3V; SYNC
Outputs Unloaded
2.0
mA
VIDEO Input/Output Pins
IIO_VIDEO VIO_VIDEO=3V
0.01
1.0
µA
DDC Pin Power Down
Leakage Current
IOFF
VCC_DDC≤0.4V, VDDC_OUT=5V
0.01
1.0
µA
Diode Forward Voltage for
Lower Clamp of VIDEO, DDC,
SYNC Output Pins
VD
ID=8mA, Lower Clamp Diode
-0.6
-0.8
-0.95
V
Dynamic Resistance (VIDEO
Pins)
RDYN_VIDEO I=1A
1.0
Ω
High-Level SYNC Logic Input
Voltage
VIH
VCC_SYNC=5V
2.0
V
Low-Level SYNC Logic Input
Voltage
VIL
VCC_SYNC=5V
0.6
V
High-Level SYNC Logic
Output Voltage
VOH
IOH=0mA, VCC_SYNC=5V
4.85
V
High-Level
SYNC Logic
Output
Voltage
VGA7S019-15
VOH-15
IOH=24mA, VCC_SYNC=5V
2
V
Low-Level SYNC Logic
Output Voltage
VOL
IOH=0mA, VCC_SYNC=5V
0.15
V
Low-Level
SYNC Logic
Output
Voltage
VGA7S019-15
VOL-15
IOH=24mA, VCC_SYNC=5V
0.8
V
SYNC Driver
Output
Resistance
VGA7S019-15
RT
VCC_SYNC=5V, SYNC Inputs at GND or 3V
15
Ω
VGA7S019-55
55
Ω
VGA7S019-65
65
Ω
IO Capacitance of VIDEO
Pins
CIO_VIDEO VIO=2.5V
2.5
4
pF
SYNC Driver L =>H
Propagation Delay
tPLH
CL=50pF; VCC=5V, input tR and tF≤5ns
12
ns
SYNC Driver H =>L
Propagation Delay
tPHL
CL=50pF; VCC=5V, input tR and tF≤5ns
12
ns
SYNC Driver Output Rise &
Fall Times
tR, tF
CL=50pF; VCC=5V, input tR and tF≤5ns
4
ns
VIDEO ESD Diode
Break-Down Voltage
VBR
IIO=1mA
9
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com