Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST10040 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FST10040
Description  High Surge Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST10040 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FST10040 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST10040 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST10040 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 100 A
Features
• High Surge Capability
TO-249AB Package
• Types from 20 V to 40V VRRM
• Isolated to Plate
• Not ESD Sensitive
Parameter
Symbol
FST10020
FST10030
Unit
Repetitive peak reverse voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
DC blocking voltage
VDC
20
30
V
40
35
FST10020 thru FST10040
FST10040
35
25
FST10035
Maximum ratings, at Tj = 25 °C, unless otherwise specified
40
28
Conditions
Silicon Power
Schottky Diode
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
FST10020
FST10030
Unit
Average forward current (per
pkg)
IF(AV)
100
100
A
Maximum instantaneous
forward voltage (per leg)
0.70
0.70
11
10
10
30
30
Thermal characteristics
Thermal resistance, junction -
case (per leg)
R
ΘJC
1.0
1.0
°C/W
40
35
-55 to 150
-55 to 150
-55 to 150
FST10040
11
FST10035
1.0
Tj = 150 °C
1.0
0.70
0.70
30
mA
V
Tj = 100 °C
30
Tj = 25 °C
IFM = 50 A, Tj = 25 °C
10
10
Conditions
-55 to 150
VF
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
TC = 125 °C
100
100
Peak forward surge current (per
leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Maximum Instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - FST10040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST10040 MCC-FST10040 Datasheet
132Kb / 3P
100 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST10040 MICROSEMI-FST10040 Datasheet
153Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST10040 TEL-FST10040 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 100A
logo
Microsemi Corporation
FST10040 MICROSEMI-FST10040 Datasheet
122Kb / 2P
Schottky PowerMod
logo
GeneSiC Semiconductor, ...
FST10040 GENESIC-FST10040 Datasheet
608Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST10040

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com