Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5DV715 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX5DV715
Description  Dual supply 1-of-2 VGA switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5DV715 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX5DV715_15 Datasheet HTML 1Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 2Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 3Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 4Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 5Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 6Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 7Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 8Page - NXP Semiconductors NX5DV715_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NX5DV715
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 4 November 2011
5 of 20
NXP Semiconductors
NX5DV715
Dual supply 1-of-2 VGA switch
7.3 Display-Data Channel Multiplexer
The NX5DV715 provides two identical SPDT active-level translating switches to route
DDC signals (See Table 5). The switch outputs are limited to a diode drop less than the
voltage applied on VCC(A). To provide VESA I2C-compatible signals 3.3 V should be
applied to VCC(A). If voltage translation is not required VCC(A) should be connected to
VCC(B). Switch terminals include integrated pull-up resistors; inputs (SDA0, SCL0) are
pulled up to VCC(A), outputs (SDA1, SCL1 and SDA2, SCL2) are pulled up to VCC(B). When
the NX5DV715 is disabled (EN = LOW), the pull-up resistors are also disabled.
8.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
For HWQFN32 package: above 137
C the value of P
tot derates linearly with 20.5 mW/K.
Table 5.
Function table DDC
H = HIGH voltage level; L = LOW voltage level; X = Don’t care.
Input
Switch
EN
SEL
H
L
SDA0 to SDA1, SCL0 to SCL1
H
H
SDA0 to SDA2, SCL0 to SCL2
L
X
switches SDAn, SCLn off
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+6
V
VCC(B)
supply voltage B
0.5
+6
V
VI
input voltage
[1]
0.5
+6
V
VSW
switch voltage
[1]
0.5
+6
V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V
50
-
mA
IOK
output clamping current
VO <0V
50
-
mA
IO
output current
VO =0VtoVCC(B)
-
50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
100
-
mA
ISW
switch current
VSW > 0.5 V or VSW < 6 V;
source or sink current
-
30
mA
VSW > 0.5 V or VSW < 6 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
90
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+85 C
[2] -
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com