Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101 Datasheet(HTML) 4 Page - Micrel Semiconductor

  LMC7101 Datasheet HTML 1Page - Micrel Semiconductor LMC7101 Datasheet HTML 2Page - Micrel Semiconductor LMC7101 Datasheet HTML 3Page - Micrel Semiconductor LMC7101 Datasheet HTML 4Page - Micrel Semiconductor LMC7101 Datasheet HTML 5Page - Micrel Semiconductor LMC7101 Datasheet HTML 6Page - Micrel Semiconductor LMC7101 Datasheet HTML 7Page - Micrel Semiconductor LMC7101 Datasheet HTML 8Page - Micrel Semiconductor LMC7101 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LMC7101
Micrel
LMC7101
4
September 1999
Electrical Characteristics—DC (12V)
V+ = +12V, V– = 0V, V
CM = 1.5V, VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
LMC7101A
LMC7101B
Symbol
Parameter
Condition
Typ
Min
Max
Min
Max
Units
V
OS
Input Offset Voltage
0.11
6
9
mV
TCV
OS
Input Offset Voltage Average Drift
1.0
µV/°C
I
B
Input Bias Current
1.0
64
64
pA
I
OS
Input Offset Current
0.5
32
32
pA
R
IN
Input Resistance
>1
T
Ω
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 12V, Note 6
82
65
65
dB
60
60
dB
V
CM
Input Common-Mode Voltage
input low, V+ = 12V,
–0.3
–0.20
–0.20
V
CMRR
≥ 50dB
0.00
0.00
V
input high, V+ = 12V,
12.3
12.2
12.2
V
CMRR
≥ 50dB
12.0
12.0
V
+PSRR
Positive Power Supply
V+ = 5V to 12V,
82
70
65
dB
Rejection Ratio
V– = 0V, V
OUT = 1.5V
65
62
dB
–PSRR
Negative Power Supply
V+ = 0V, V– = –5V to
82
70
65
dB
Rejection Ratio
–12V, V
OUT = –1.5V
65
62
dB
A
V
Large Signal Voltage Gain
sourcing or sinking,
340
80
80
V/mV
R
L = 2k, Note 9
40
40
V/mV
sourcing or sinking,
300
15
15
V/mV
R
L = 600Ω, Note 9
10
10
V/mV
C
IN
Common-Mode Input Capacitance
3
pF
V
OUT
Output Swing
output high, V+ = 12V,
11.98
11.9
11.9
V
R
L = 2k
11.87
11.87
V
output low, V+ = 12V,
0.02
0.10
0.10
V
R
L = 2k,
0.13
0.13
V
output high, V+ = 12V,
11.93
11.73
11.73
V
R
L = 600Ω
11.65
11.65
V
output low, V+ = 12V,
0.07
0.27
0.27
V
R
L = 600Ω
0.35
0.35
V
I
SC
Output Short Circuit Current
sourcing (V
OUT = 0V) or
300
200
200
mA
sinking (V
OUT = 12V),
120
120
mA
Notes 7, 8
I
S
Supply Current
V
OUT = V+/2
0.8
1.5
1.5
mA
1.71
1.71
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com