Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1232M Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC1232M
Description  關P Supervisory Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1232M Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC1232M Datasheet HTML 1Page - Micrel Semiconductor MIC1232M Datasheet HTML 2Page - Micrel Semiconductor MIC1232M Datasheet HTML 3Page - Micrel Semiconductor MIC1232M Datasheet HTML 4Page - Micrel Semiconductor MIC1232M Datasheet HTML 5Page - Micrel Semiconductor MIC1232M Datasheet HTML 6Page - Micrel Semiconductor MIC1232M Datasheet HTML 7Page - Micrel Semiconductor MIC1232M Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MIC1232
µP Supervisory Circuit
Electrical Characteristics
VCC = 4.5V to 5.5V, TA = Operating Temperature Range, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
ICC (See Note 1)
18
40
µA
ST and PBRST Input Levels
VIH (See Note 2)
2.0
VCC +0.3
V
VIL
-0.3
0.8
Input Leakage
IIL
±1
µA
Output Source Current, RST
VOH = 2.4V
1.0
10
mA
Output Sink Current, RST, RST
VOL = 0.4V
2.0
10
mA
VCC 5% Trip Point (Reset
TOL = Gnd
4.50
4.62
4.74
V
Threshold Voltage)
VCC 10% Trip Point (Reset
TOL = VCC
4.25
4.37
4.49
V
Threshold Voltage)
Input Capacitance, ST, TOL
CIN (See Note 3)
5
pF
Output Capacitance, RST, RST
COUT (See Note 3)
7
pF
Absolute Maximum Ratings
Terminal Voltage
VCC, . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
All Other Inputs . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mA
Gnd, All Other Inputs . . . . . . . . . . . . . . . . . . . . 25mA
Operating Temperature Range
MIC1232M/N . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
MIC1232D . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Storage Temperature Range . . . . . . . . . . . . .-65°C to 150°C
Lead Temperature (Soldering - 10 sec.) . . . . . . . . . . . 300°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 700mW
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability. Operating ranges define those limits between which the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com