Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3YWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LM2575-3.3YWM
Description  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3YWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  LM2575-3.3YWM Datasheet HTML 1Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3YWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2005
1
M9999-042205
LM2575
Micrel, Inc.
LM2575
52kHz Simple 1A Buck Regulator
General Description
The LM2575 series of monolithic integrated circuits provide
all the active functions for a step-down (buck) switching
regulator. Fixed versions are available with a 3.3V, 5V, 12V,
fixed output. Adjustable versions have an output voltage
range from 1.23V to 37V. Both versions are capable of driving
a 1A load with excellent line and load regulation.
These regulators are simple to use because they require a
minimum number of external components and include internal
frequency compensation and a fixed-frequency oscillator.
The LM2575 series offers a high efficiency replacement for
popular three-terminal adjustable linear regulators. It
substantially reduces the size of the heat sink, and in many
cases no heat sink is required.
A standard series of inductors available from several different
manufacturers are ideal for use with the LM2575 series. This
feature greatly simplifies the design of switch-mode power
supplies.
The feedback voltage is guaranteed to ±2% tolerance for
adjustable versions, and the output voltage is guaranteed to
±3% for fixed versions, within specified input voltages and
output load conditions. The oscillator frequency is guaranteed
to ±10%. External shutdown is included, featuring less than
200µA standby current. The output switch includes cycle-by-
cycle current limiting and thermal shutdown for full protection
under fault conditions.
870 20
Typical Applications
Features
•3.3V, 5V, 12V, and adjustable output versions
• Voltage over specified line and load conditions:
Fixed version: ±3% max. output voltage
Adjustable version: ±2% max. feedback voltage
• Guaranteed 1A output current
•Wide input voltage range:
4V to 40V
•Wide output voltage range
1.23V to 37V
• Requires only 4 external components
• 52kHz fixed frequency internal oscillator
• Low power standby mode I
Q typically <200µA
• 80% efficiency (adjustable version typically >80%)
• Uses readily available standard inductors
• Thermal shutdown and current limit protection
• 100% electrical thermal limit burn-in
Applications
•Simple high-efficiency step-down (buck) regulator
•Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (inverting Buck-Boost)
•Isolated Flyback Converter using minimum number of
external components
• Negative Boost Converter
R2
R1
7V–40V
Unregulated
DC Input
LM2575
+
CIN
100µF
+VIN
1
3
Gnd
5
On/Off
2
Output
4
Feedback
L1
330µH
+
D1
1N5822
COUT
330µF
R2 3.09k
R1 1k
VOUT = 1.23 1 +
(
)
+5V, 1A
Regulated
Output
Note: Pin numbers are for TO-220 Package
7V–40V
Unregulated
DC Input
LM2575-5.0
+
CIN
100µF
+VIN
1
3
Gnd
5
On/Off
2
Output
4
Feedback
L1
330µH
+
D1
1N5822
COUT
330µF
+5V, 1A
Regulated
Output
Note: Pin numbers are for TO-220 Package
Fixed Regulator in Typical Application
Adjustable Regulator in Fixed Output Application
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - LM2575-3.3YWM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-3.3 MOTOROLA-LM2575-3.3 Datasheet
382Kb / 28P
EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Micrel Semiconductor
LM2575-3.3BN MICREL-LM2575-3.3BN Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2575-3.3BN MICREL-LM2575-3.3BN Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2575-3.3BT MICREL-LM2575-3.3BT Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2575-3.3BT MICREL-LM2575-3.3BT Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-3.3YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
52kHz Simple 3A Buck Regulator
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
52kHz Simple 3A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com