Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0503 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MBR0503
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MBR0503 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MBR0503 Datasheet HTML 1Page - Micrel Semiconductor MBR0503 Datasheet HTML 2Page - Micrel Semiconductor MBR0503 Datasheet HTML 3Page - Micrel Semiconductor MBR0503 Datasheet HTML 4Page - Micrel Semiconductor MBR0503 Datasheet HTML 5Page - Micrel Semiconductor MBR0503 Datasheet HTML 6Page - Micrel Semiconductor MBR0503 Datasheet HTML 7Page - Micrel Semiconductor MBR0503 Datasheet HTML 8Page - Micrel Semiconductor MBR0503 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2141
Micrel
MIC2141
4
June 2000
Typical Characteristcs
0
5
10
15
20
25
0
5
10
15
20
25
OUTPUT VOLTAGE (V)
Feedback Current
vs. Output Voltage
0
5
10
15
20
0
123
4
CONTROL VOLTAGE (V)
Control Voltage
vs. Output Voltage
V
IN = 5V
L = 33
µH
V
IN = 3.6V
V
IN = 2.5V
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
0
5
10
15
20
25
OUTPUT VOLTAGE (V)
Gain
vs. Output Voltage
V
IN = 5V
L = 33
µH
0
1
2
3
4
5
6
7
0
123
4
CONTROL VOLTAGE (V)
Control Current
vs. Control Voltage
14.80
14.85
14.90
14.95
15.00
012345
LOAD CURRENT (mA)
Load Regulation
V
IN = 5V
I
PEAK = 100mA
L = 33
µH
I
PEAK = 150mA
L = 22
µH
14.0
14.2
14.4
14.6
14.8
15.0
2468
10
12
INPUT VOLTAGE (V)
Line Regulation
L = 33
µH
I
L = 100µA
300
320
340
360
380
400
2
4
6
8
10121416
INPUT VOLTAGE (V)
Oscillator Frequency
vs. Input Voltage
0
40
80
120
160
200
240
280
02468
10 12 14 16
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
0.50
0.52
0.54
0.56
0.58
0.60
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-Time
vs. Temperature
300
310
320
330
340
350
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Frequency
vs. Temperature
10
11
12
13
14
15
16
17
18
19
20
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Duty Cycle
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com