Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6415AE Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6415AE
Description  20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6415AE Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6415AE Datasheet HTML 1Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 2Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 3Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 4Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 5Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6415AE
April 29,2015-REV.01
Page 1
20V P-Channel Enhancement Mode MOSFET
– ESD Protected
Voltage
-20 V
Current
-4.9A
SOT-23 6L-1
Unit : inch(mm)
Features
RDS(ON) , VGS@-10V, ID@-4.9A<60m
Ω
RDS(ON) , VGS@-4.5V, ID@-4.2A<70m
Ω
RDS(ON) , VGS@-2.5V, ID@-3.1A<96m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc
ESD Protected 2KV HBM
Lead free in comply with EU RoHS 2011/65/EU directives.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L-1 Package
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
Marking: S5E
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
-4.9
A
Pulsed Drain Current
IDM
-19.6
A
Power Dissipation
Ta=25
oC
PD
2
W
Derate above 25
oC
16
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
62.5
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6415AE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6415A PANJIT-PJS6415A Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415A-AU PANJIT-PJS6415A-AU Datasheet
381Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-AU-REV.01
PJS6415A-AU_S1_000A1 PANJIT-PJS6415A-AU_S1_000A1 Datasheet
381Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-AU-REV.01
PJS6415A_S1_00001 PANJIT-PJS6415A_S1_00001 Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415A_S2_00001 PANJIT-PJS6415A_S2_00001 Datasheet
379Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
More results

Similar Description - PJS6415AE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJA3435 PANJIT-PJA3435 Datasheet
326Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419E PANJIT-PJA3419E Datasheet
406Kb / 6P
20V P-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3419AE PANJIT-PJA3419AE Datasheet
412Kb / 6P
20V P-Channel Enhancement Mode MOSFET – ESD Protected
March 6,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com