Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6601 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6601
Description  20V Complementary Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6601 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6601 Datasheet HTML 1Page - Pan Jit International Inc. PJS6601 Datasheet HTML 2Page - Pan Jit International Inc. PJS6601 Datasheet HTML 3Page - Pan Jit International Inc. PJS6601 Datasheet HTML 4Page - Pan Jit International Inc. PJS6601 Datasheet HTML 5Page - Pan Jit International Inc. PJS6601 Datasheet HTML 6Page - Pan Jit International Inc. PJS6601 Datasheet HTML 7Page - Pan Jit International Inc. PJS6601 Datasheet HTML 8Page - Pan Jit International Inc. PJS6601 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PPJS6601
September 18,2015-REV.00
Page 1
20V Complementary Enhancement Mode MOSFET
Voltage
20 / -20V
Current
4.1 /-3.1A
SOT-23 6L
Unit: inch(mm)
Features
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU
directive
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: SC1
PARAMETER
SYMBOL
N-Ch LIMIT
P-Ch LIMIT
UNITS
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
+12
+12
V
Continuous Drain Current
ID
4.1
-3.1
A
Pulsed Drain Current
(Note 4)
IDM
16.4
-12.4
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal Resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6601 PANJIT-PJS6601 Datasheet
631Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601-AU_S1_000A1 PANJIT-PJS6601-AU_S1_000A1 Datasheet
540Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601_S1_00001 PANJIT-PJS6601_S1_00001 Datasheet
631Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022
PJS6601_S2_00001 PANJIT-PJS6601_S2_00001 Datasheet
631Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022
More results

Similar Description - PJS6601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2700UDM DIODES-DMC2700UDM Datasheet
150Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 4
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
20V Complementary Enhancement Mode MOSFET
logo
Diodes Incorporated
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
ACE Technology Co., LTD...
ACE12H016B ACE-ACE12H016B Datasheet
201Kb / 3P
20V Complementary Enhancement Mode Power MOSFET
VER 1.1
logo
Diodes Incorporated
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
logo
Pan Jit International I...
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com