Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1627AL-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1627AL-X-TN3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1627AL-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1627AL-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1627AL-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1627A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R217-004.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-600
V
Collector-Emitter Voltage
VCEO
-600
V
Emitter-Base Voltage
VEBO
-7.0
V
Collector Power Dissipation
SOT-223
PC
0.8
W
TO-251/TO-252
1.9
TO-126/TO-126C
1.0
Collector Current (DC)
IC
-1.0
A
Collector Current (Pulse) (Note 2)
ICP
-2.0
A
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-55 ~ +150
C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. PW≦10ms, Duty Cycle≦50%
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB= -600V, IE=0
-10
µA
Emitter Cut-Off Current
IEBO
VEB= -7.0V, IC=0
-10
µA
DC Current Gain (Note 2)
hFE1
VCE= -5.0V, IC= -0.1A
30
58
120
hFE2
VCE= -5.0V, IC= -0.5A
4
19
Collector-Emitter Saturation Voltage(Note)
VCE(SAT)
IC= -0.3A, IB= -0.06A
-0.28 -1.5
V
Base-Emitter Saturation Voltage(Note)
VBE(SAT)
IC= -0.3A, IB= -0.06A
-0.85 -1.2
V
Gain Bandwidth Product
fT
VCE= -10V, IE=0.1A
10
28
MHz
Output Capacitance
COB
VCB= -10V, IE=0, f=1.0MHz
42
50
pF
Turn-On Time
tON
IC=-0.5A, RL=500Ω,
IB1= -IB2= -0.1A, VCC =-250V
0.1
0.5
µs
Storage Time
TSYG
3.5
5.0
µs
Fall Time
tF
0.08
0.5
µs
Note: Pulsed PW≦350µs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
RANK
M
L
K
RANGE
30-60
40-80
60-120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com