Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB798G-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB798G-X-AB3-R
Description  POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB798G-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB798G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB798G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB798G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB798G-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB798
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-020.C
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
DC
IC
-1.0
A
Pulse(Note 1)
-1.5
A
Collector Dissipation (Note 2)
PC
2
W
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-55 ~ +150
C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. PW≦10ms,Duty Cycle≦50%
3. When mounted on a ceramic substrate of 16cm
2×0.7 mm.
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB= -30V , IE= 0
-100
nA
Emitter Cut-Off Current
IEBO
VEB= -5.0V, IC= 0
-100
nA
DC Current Gain
hFE1
VCE= -1.0V, IC= -100mA
90
200
400
DC Current Gain
hFE2
VCE= -1.0V, IC= -1.0A
50
100
Base to Emitter Voltage
VBE
VCE= -6.0V, IC= -10mA
-600
-640
-700
mV
Collector-Emitter Saturation
Voltage
VCE(sat)
IC= -1.0A, IB= -0.10A
-0.25
-0.40
V
Base-Emitter Saturation Voltage
VBE(sat)
IC= -1.0A, IB= -0.10A
-1.0
-1.2
V
Gain Bandwidth Product
fT
VCE= -6.0V, IE= 10mA
110
MHz
Output Capacitance
Cob
VCB= -6.0V, IE= 0, f=1MHz
36
pF
Note: PW≦350μs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
RANK
DM
DL
DK
RANGE
90-180
135-270
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com