Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2536 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2536
Description  Dual USB Power Distribution Switch Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2536 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2536 Datasheet HTML 1Page - Micrel Semiconductor MIC2536 Datasheet HTML 2Page - Micrel Semiconductor MIC2536 Datasheet HTML 3Page - Micrel Semiconductor MIC2536 Datasheet HTML 4Page - Micrel Semiconductor MIC2536 Datasheet HTML 5Page - Micrel Semiconductor MIC2536 Datasheet HTML 6Page - Micrel Semiconductor MIC2536 Datasheet HTML 7Page - Micrel Semiconductor MIC2536 Datasheet HTML 8Page - Micrel Semiconductor MIC2536 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2536
2
March 2000
MIC2536
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
1
ENA
Enable A (Input): Channel A control input. Active high (–1) or active low (–2)
input.
2
FLGA
Flag A: (Output): Channel A open-drain fault flag output. Indicates
overcurrent or thermal shutdown conditions. Overcurrent conditions must
last longer than t
D in order to assert FLG.
3
FLGB
Flag B (Output): Channel B open-drain fault flag output. Indicates overcur-
rent or thermal shutdown conditions. Overcurrent conditions must last
longer than t
D in order to assert FLG.
4
ENB
Enable B (Input): Channel B control input. Active high (–1) or active low (–2)
input.
5
OUTB
Output B: Channel B switch output.
6
GND
Ground
7
IN
Positive Switch and Logic Supply Input
8
OUTA
Output A: Channel A switch output.
Pin Configuration
1
2
3
4
8
7
6
5
OUTA
IN
GND
OUTB
ENA
FLGA
FLGB
ENB
MIC2536-x
8-Lead SOP (M)
8-Lead MSOP (MM)
Ordering Information
Part Number
Enable
Temperature Range
Package
MIC2536-1BM
Active High
–40
°C to +85°C
8-Lead SOP
MIC2536-2BM
Active Low
–40
°C to +85°C
8-Lead SOP
MIC2536-1BMM
Active High
–40
°C to +85°C
8-Lead MSOP
MIC2536-2BMM
Active Low
–40
°C to +85°C
8-Lead MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com