Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2235L-X-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2235L-X-T92-R
Description  AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2235L-X-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2235L-X-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SC2235L-X-T92-R Datasheet HTML 2Page - Unisonic Technologies 2SC2235L-X-T92-R Datasheet HTML 3Page - Unisonic Technologies 2SC2235L-X-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2235
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R211-012.C
ABSOLUTE MAXIMUM RATING ( T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
800
mA
Emitter Current
IE
-800
mA
Collector Power Dissipation
PC
600
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Breakdown Voltage
VBCEO
IC =10mA, IB=0
120
V
Emitter-Base Breakdown Voltage
VBEBO
IE=1mA, IC =0
5
V
Collector Cut-off Current
ICBO
VCB=120V, IE=0
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE
VCE=5V, IC =100mA
80
240
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =500mA, IB=50mA
1.0
V
Base-Emitter Voltage
VBE
VCE=5V, IC =500mA
1.0
V
Transition Frequency
fT
VCE=5V, IC =100mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0,f=1MHz
30
pF
CLASSIFICATION OF hFE
RANK
Y
O
RANGE
120-240
80-160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com