Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5200
Description  POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5200 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5200 Datasheet HTML 1Page - Unisonic Technologies 2SC5200 Datasheet HTML 2Page - Unisonic Technologies 2SC5200 Datasheet HTML 3Page - Unisonic Technologies 2SC5200 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5200
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R214-005, B
ABSOLUTE MAXIMUM RATING (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
230
V
Collector-Emitter Voltage
VCEO
230
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
15
A
Base Current
IB
1.5
A
Collector Power Dissipation (TC=25°C)
PC
150
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Breakdown Voltage
V(BR) CEO
IC= 50mA, IB=0
230
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC= 8A, IB= 0.8A
0.4
3.0
V
Base -Emitter Voltage
VBE
VCE= 5V, IC= 7A
1.0
1.5
V
Collector Cut-off Current
ICBO
VCB = 230V, IE=0
5.0
μA
Emitter Cut-off Current
IEBO
VEB= 5V, IC=0
5.0
μA
DC Current Gain
hFE1
VCE= 5V, IC= 1A
55
160
hFE2
VCE= 5V, IC= 7A
35
60
Transition Frequency
fT
VCE= 5V, IC= 1A
30
MHz
Collector Output Capacitance
COB
VCB= 10V, IE=0, f=1MHz
200
pF
CLASSIFICATION OF hFE1
RANK
R
O
Range
55 ~ 110
80 ~ 160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com