Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6603 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6603
Description  30V Complementary Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6603 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6603 Datasheet HTML 1Page - Pan Jit International Inc. PJS6603 Datasheet HTML 2Page - Pan Jit International Inc. PJS6603 Datasheet HTML 3Page - Pan Jit International Inc. PJS6603 Datasheet HTML 4Page - Pan Jit International Inc. PJS6603 Datasheet HTML 5Page - Pan Jit International Inc. PJS6603 Datasheet HTML 6Page - Pan Jit International Inc. PJS6603 Datasheet HTML 7Page - Pan Jit International Inc. PJS6603 Datasheet HTML 8Page - Pan Jit International Inc. PJS6603 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PPJS6603
September 18,2015-REV.00
Page 1
30V Complementary Enhancement Mode MOSFET
Voltage
30 / -30V
Current
4.4 /-2.9A
SOT-23 6L
Unit: inch(mm)
Features
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU
directive
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: SC3
PARAMETER
SYMBOL
N-Ch LIMIT
P-Ch LIMIT
UNITS
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
+20
+20
V
Continuous Drain Current
ID
4.4
-2.9
A
Pulsed Drain Current
(Note 4)
IDM
17.6
-11.6
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
100
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6603

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6603 PANJIT-PJS6603 Datasheet
521Kb / 9P
30V Complementary Enhancement Mode MOSFET
January 6,2022
PJS6603-AU PANJIT-PJS6603-AU Datasheet
481Kb / 9P
30V Complementary Enhancement Mode MOSFET
December 9,2021 PJS6603-AU-REV.00
PJS6603-AU_S1_000A1 PANJIT-PJS6603-AU_S1_000A1 Datasheet
481Kb / 9P
30V Complementary Enhancement Mode MOSFET
December 9,2021 PJS6603-AU-REV.00
PJS6603_S1_00001 PANJIT-PJS6603_S1_00001 Datasheet
521Kb / 9P
30V Complementary Enhancement Mode MOSFET
January 6,2022
PJS6603_S2_00001 PANJIT-PJS6603_S2_00001 Datasheet
521Kb / 9P
30V Complementary Enhancement Mode MOSFET
January 6,2022
More results

Similar Description - PJS6603

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
JULY 2004
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
ZXMC3A18DN8 DIODES-ZXMC3A18DN8_15 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
logo
Pan Jit International I...
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com