Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD880G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD880G-AB3-R
Description  NPN EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD880G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD880G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD880G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD880G-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SD880G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD880
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R203-013.G
NPN EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC 2SD880 is designed for audio frequency power
amplifier applications.
FEATURES
* High DC Current Gain: hFE=200(Max.)(VCE=5V, IC=0.5A)
* Low Saturation Voltage: VCE(SAT)=1.0V(Max.)(IC=3A, IB=0.3A)
* Complementary to 2SB834
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
2SD880G-AB3-R
SOT-89
B
C
E
Tube
2SD880L-TA3-T
2SD880G-TA3-T
TO-220
B
C
E
Tube
Note:
Pin Assignment: B: Base
C: Collector
E: Emitter
MARKING
SOT-89
TO-220


Similar Part No. - 2SD880G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD880G-TA3-T UTC-2SD880G-TA3-T Datasheet
154Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results

Similar Description - 2SD880G-AB3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
NPN EPITAXIAL TRANSISTOR
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
NPN Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com