Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8550SG-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8550SG-X-AE3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8550SG-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  8550SG-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 8550SG-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 8550SG-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 8550SG-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8550S
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R206-002.G
ABSOLUTE MAXIMUM RATINGS ( TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNITS
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-700
mA
Collector Dissipation(Ta=25°C)
SOT-23
PC
350
mW
TO-92
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-30
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA, IB=0
-20
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC =0
-100
nA
DC Current Gain
hFE1
VCE=-1V, IC=-1mA
100
hFE2
VCE=-1V, IC=-150mA
120
400
hFE3
VCE=-1V, IC=-500mA
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-500mA, IB=-50mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-500mA, IB=-50mA
-1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=-1V, IC=-10mA
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-10V, IC=-50mA
100
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
9.0
pF
CLASSIFICATION OF hFE2
RANK
C
D
E
RANGE
120-200
160-300
280-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com