Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC337
Description  SWITCHING AND AMPLIFIER APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC337 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC337_15 Datasheet HTML 1Page - Unisonic Technologies BC337_15 Datasheet HTML 2Page - Unisonic Technologies BC337_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC337/BC338
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-039.E
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
BC337
VCES
50
V
BC338
30
V
Collector-Emitter Voltage
BC337
VCEO
45
V
BC338
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
800
mA
Collector Dissipation
PC
625
mW
Derate Above 25°C
5
mW/°C
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
Junction to Case
θJc
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BC337
BVCEO IC=10mA, IB=0
45
V
BC338
25
V
Collector-Emitter Breakdown Voltage
BC337
BVCES IC=0.1mA, VBE=0
50
V
BC338
30
V
Emitter-Base Breakdown Voltage
BVEBO IE=0.1mA, IC=0
5
V
Collector Cut-off Current
BC337
ICES
VCE=45V, IB=0
2
100
nA
BC338
VCE=25V, IB=0
2
100
nA
DC Current Gain
hFE1
VCE=1V, IC=100mA
100
630
hFE2
VCE=1V, IC=300mA
60
Collector-Emitter Saturation Voltage
VCE(SAT) IC=500mA, IB=50mA
0.7
V
Base-Emitter on Voltage
VBE(ON) VCE=1V, IC=300mA
1.2
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
12
pF
Current Gain Bandwidth Product
fT
VCE=5V, IC=10mA, f=50MHz
100
MHz
CLASSIFICATION OF hFE1
RANK
16
25
40
hFE1
100-250
160-400
250-630



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com