Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807G-XX-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC807G-XX-AL3-R
Description  SWITCHING AND AMPLIFIER APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC807G-XX-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BC807G-XX-AL3-R Datasheet HTML 1Page - Unisonic Technologies BC807G-XX-AL3-R Datasheet HTML 2Page - Unisonic Technologies BC807G-XX-AL3-R Datasheet HTML 3Page - Unisonic Technologies BC807G-XX-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC807/BC808
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-026.F
TYPICAL CHARACTERISTICS
-0.1
-10
-1
-1000
1
100
1000
DC Current Gain
Collector Current, IC(mA)
10
-0.01
-0.1
-1
-10
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC(mA)
-100
VCE=-2.0V
PULSE
VCE=-1.0V
-0.1
-10
-1
-1000
-100
VCE(SAT)
VBE(SAT)
IC=10IB
PULSE
-0.1
-10
-1
1
10
100
-100
Input Output Capacitance
Collector-Base Voltage, VCB (V)
Emitter-Base Voltage, VEB (V)
-0.4
-0.7
-0.8
-0.1
-1
-10
-1000
Base-Emitter On Voltage
Base-Emitter Voltage, VBE (V)
-0.5
-0.6
-0.9
-100
VCE=-1V
PULSE
f=1.0MHz
Cob
Cib



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com