Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC29150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29150
Description  High-Current Low-Dropout Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29150 Datasheet HTML 1Page - Micrel Semiconductor MIC29150 Datasheet HTML 2Page - Micrel Semiconductor MIC29150 Datasheet HTML 3Page - Micrel Semiconductor MIC29150 Datasheet HTML 4Page - Micrel Semiconductor MIC29150 Datasheet HTML 5Page - Micrel Semiconductor MIC29150 Datasheet HTML 6Page - Micrel Semiconductor MIC29150 Datasheet HTML 7Page - Micrel Semiconductor MIC29150 Datasheet HTML 8Page - Micrel Semiconductor MIC29150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MIC29150/29300/29500/29750
Micrel
MIC29150/29300/29500/29750
2
March 2000
Part Number
Temp. Range* Volts Current Package
MIC29500-3.3BT
–40 to +125
°C 3.3
5.0A
TO-220
MIC29500-5.0BT
–40 to +125
°C 5.0
5.0A
TO-220
MIC29501-3.3BT
–40 to +125
°C 3.3
5.0A
TO-220-5
MIC29501-5.0BT
–40 to +125
°C 5.0
5.0A
TO-220-5
MIC29501-3.3BU
–40 to +125
°C 3.3
5.0A
TO-263-5
MIC29501-5.0BU
–40 to +125
°C 5.0
5.0A
TO-263-5
MIC29502BT
–40 to +125
°C Adj
5.0A
TO-220-5
MIC29502BU
–40 to +125
°C Adj
5.0A
TO-263-5
MIC29503BT
–40 to +125
°C Adj
5.0A
TO-220-5
MIC29503BU
–40 to +125
°C Adj
5.0A
TO-263-5
MIC29750-3.3BWT
–40 to +125
°C 3.3
7.5A
TO-247-3
MIC29750-5.0BWT
–40 to +125
°C 5.0
7.5A
TO-247-3
MIC29751-3.3BWT
–40 to +125
°C 3.3
7.5A
TO-247-5
MIC29751-5.0BWT
–40 to +125
°C 5.0
7.5A
TO-247-5
MIC29752BWT
–40 to +125
°C Adj
7.5A
TO-247-5
Ordering Information
Part Number
Temp. Range* Volts Current Package
MIC29150-3.3BT
–40 to +125
°C 3.3
1.5A
TO-220
MIC29150-4.2BT
–40 to +125
°C 4.2
1.5A
TO-220
MIC29150-5.0BT
–40 to +125
°C 5.0
1.5A
TO-220
MIC29150-12BT
–40 to +125
°C
12
1.5A
TO-220
MIC29150-3.3BU
–40 to +125
°C 3.3
1.5A
TO-263
MIC29150-5.0BU
–40 to +125
°C 5.0
1.5A
TO-263
MIC29150-12BU
–40 to +125
°C
12
1.5A
TO-263
MIC29151-3.3BT
–40 to +125
°C 3.3
1.5A
TO-220-5
MIC29151-5.0BT
–40 to +125
°C 5.0
1.5A
TO-220-5
MIC29151-12BT
–40 to +125
°C
12
1.5A
TO-220-5
MIC29151-3.3BU
–40 to +125
°C 3.3
1.5A
TO-263-5
MIC29151-5.0BU
–40 to +125
°C 5.0
1.5A
TO-263-5
MIC29151-12BU
–40 to +125
°C
12
1.5A
TO-263-5
MIC29152BT
–40 to +125
°C Adj
1.5A
TO-220-5
MIC29152BU
–40 to +125
°C Adj
1.5A
TO-263-5
MIC29153BT
–40 to +125
°C Adj
1.5A
TO-220-5
MIC29153BU
–40 to +125
°C Adj
1.5A
TO-263-5
MIC29300-3.3BT
–40 to +125
°C 3.3
3.0A
TO-220
MIC29300-5.0BT
–40 to +125
°C 5.0
3.0A
TO-220
MIC29300-12BT
–40 to +125
°C
12
3.0A
TO-220
MIC29300-3.3BU
–40 to +125
°C 3.3
3.0A
TO-263
MIC29300-5.0BU
–40 to +125
°C 5.0
3.0A
TO-263
MIC29300-12BU
–40 to +125
°C
12
3.0A
TO-263
MIC29301-3.3BT
–40 to +125
°C 3.3
3.0A
TO-220-5
MIC29301-5.0BT
–40 to +125
°C 5.0
3.0A
TO-220-5
MIC29301-12BT
–40 to +125
°C
12
3.0A
TO-220-5
MIC29301-3.3BU
–40 to +125
°C 3.3
3.0A
TO-263-5
MIC29301-5.0BU
–40 to +125
°C 5.0
3.0A
TO-263-5
MIC29301-12BU
–40 to +125
°C
12
3.0A
TO-263-5
MIC29302BT
–40 to +125
°C Adj
3.0A
TO-220-5
MIC29302BU
–40 to +125
°C Adj
3.0A
TO-263-5
MIC29303BT
–40 to +125
°C Adj
3.0A
TO-220-5
MIC29303BU
–40 to +125
°C Adj
3.0A
TO-263-5
MIC29xx0 versions are 3-terminal fixed voltage devices.
MIC29xx1 are fixed voltage devices with ENABLE and ERROR
flag. MIC29xx2 are adjustable regulators with ENABLE control.
MIC29xx3 are adjustables with an ERROR flag.
* Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com