Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2950 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2950
Description  150mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2950 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2950 Datasheet HTML 1Page - Micrel Semiconductor MIC2950 Datasheet HTML 2Page - Micrel Semiconductor MIC2950 Datasheet HTML 3Page - Micrel Semiconductor MIC2950 Datasheet HTML 4Page - Micrel Semiconductor MIC2950 Datasheet HTML 5Page - Micrel Semiconductor MIC2950 Datasheet HTML 6Page - Micrel Semiconductor MIC2950 Datasheet HTML 7Page - Micrel Semiconductor MIC2950 Datasheet HTML 8Page - Micrel Semiconductor MIC2950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MIC2950/2951
Micrel
3-50
February 1999
Pin Description
Pin #
Pin #
Pin Name
Pin Function
MIC2950
MIC2951
3
1
OUT
Regulated Output
2
SNS
Sense (Input): Output-voltage sensing end of internal voltage divider for
fixed 5V operation. Not used in adjustable configuration.
3
SHDN
Shutdown/Enable (Input): TTL compatible input. High = shutdown,
low or open = enable.
2
4
GND
Ground
5
ERR
Error Flag (Output): Active low, open-collector output (low = error,
floating = normal).
6
TAP
3.3V/4.85/5V Tap: Output of internal voltage divider when the regulator is
configured for fixed operation. Not used in adjustable configuration.
7
FB
Feedback (Input): 1.235V feedback from internal voltage divider’s TAP (for
fixed operation) or external resistor network (adjustable configuration).
1
8
IN
Unregulated Supply Input
Pin Configuration
1
2
3
4
8
7
6
5
IN
FB
TAP
ERR
OUT
SNS
SHDN
GND
MIC2951-xx
DIP (N), SOIC (M), MM8™ (MM)
(Top View)
32
1
OUT
GND
IN
MIC2950-xx
TO-92 (Z)
(Bottom View)
Ordering Information
Part Number
Voltage
Accuracy Temperature Range*
Package
MIC2950-05BZ
5.0V
0.5%
–40
°C to +125°C
TO-92
MIC2950-06BZ
5.0V
1.0%
–40
°C to +125°C
TO-92
MIC2951-02BM
5.0V
0.5%
–40
°C to +125°C
8-pin SOIC
MIC2951-03BM
5.0V
1.0%
–40
°C to +125°C
8-pin SOIC
MIC2951-02BN
5.0V
0.5%
–40
°C to +125°C
8-pin plastic DIP
MIC2951-03BN
5.0V
1.0%
–40
°C to +125°C
8-pin plastic DIP
MIC2951-03BMM
5.0V
1.0%
–40
°C to +125°C
8-lead MM8™
MIC2951-3.3BM
3.3V
1.0%
–40
°C to +125°C
8-pin SOIC
MIC2951-4.8BM
4.85V
1.0%
–40
°C to +125°C
8-pin SOIC
* junction temperature
The MIC2950 is available as either an -05 or -06 version. The
-05 and -06 versions are guaranteed for junction temperatures
from –40
°C to +125°C; the -05 version has a tighter output and
reference voltage specification range over temperature. The
MIC2951 is available as an -02 or -03 version.
The MIC2950 and MIC2951 have a tight initial tolerance
(0.5% typical), a very low output voltage temperature coefficient
which allows use as a low-power voltage reference, and
extremely good load and line regulation (0.04% typical). This
greatly reduces the error in the overall circuit, and is the result
of careful design techniques and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com