Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC384 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC384
Description  Three-Zone Thermal Supervisor Advance Information
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC384 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC384 Datasheet HTML 1Page - Micrel Semiconductor MIC384 Datasheet HTML 2Page - Micrel Semiconductor MIC384 Datasheet HTML 3Page - Micrel Semiconductor MIC384 Datasheet HTML 4Page - Micrel Semiconductor MIC384 Datasheet HTML 5Page - Micrel Semiconductor MIC384 Datasheet HTML 6Page - Micrel Semiconductor MIC384 Datasheet HTML 7Page - Micrel Semiconductor MIC384 Datasheet HTML 8Page - Micrel Semiconductor MIC384 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MIC384
Micrel
MIC384
2
September 2000
Pin Description
Pin Number
Pin Name
Pin Function
1
DATA
Digital I/O: Open-drain. Serial data input/output.
2
CLK
Digital Input: The host provides the serial bit clock on this input.
3
/INT
Digital Output: Open-drain. Interrupt or thermostat output.
4
GND
Ground: Power and signal return for all IC functions.
5
T2
Analog Input: Connection to remote temperature sensor (diode junction)
6
T1
Analog Input: Connection to remote temperature sensor (diode junction)
7
A0
Digital Input: Slave address selection input. See Table 1. MIC284 Slave
Address Setings.
8
VDD
Analog Input: Power supply input to the IC.
Pin Configuration
1
DATA
CLK
/INT
GND
8
VDD
A0
T1
T2
7
6
5
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com