Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38C42 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC38C42
Description  BiCMOS Current-Mode PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C42 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC38C42 Datasheet HTML 1Page - Micrel Semiconductor MIC38C42 Datasheet HTML 2Page - Micrel Semiconductor MIC38C42 Datasheet HTML 3Page - Micrel Semiconductor MIC38C42 Datasheet HTML 4Page - Micrel Semiconductor MIC38C42 Datasheet HTML 5Page - Micrel Semiconductor MIC38C42 Datasheet HTML 6Page - Micrel Semiconductor MIC38C42 Datasheet HTML 7Page - Micrel Semiconductor MIC38C42 Datasheet HTML 8Page - Micrel Semiconductor MIC38C42 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
M9999-072805
2
July 2005
UVLO Thresholds
Startup 8.4V
Startup 14.5V
Duty Cycle
Minimum Operating 7.6V
Minimum Operating 9V
0% to 96%
MIC38C43
MIC38C42
0% to 50%
MIC38C45
MIC38C44
Selection Guide
Ordering Information
Part Number*
Temperature Range
Package
Standard
Pb-Free
MIC38C42BN
MIC38C42YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C43BN
MIC38C43YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C44BN
MIC38C44YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C45BN
MIC38C45YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C42-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C43-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C44-1BN
MIC38C44-1YN
-40°C to +85°C
14-pin Plastic DIP
MIC38C45-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C42BM
MIC38C42YM
-40°C to +85°C
8-pin SOIC
MIC38C43BM
MIC38C43YM
-40°C to +85°C
8-pin SOIC
MIC38C44BM
MIC38C44YM
-40°C to +85°C
8-pin SOIC
MIC38C45BM
MIC38C45YM
-40°C to +85°C
8-pin SOIC
MIC38C42-1BM
MIC38C42-1YM
-40°C to +85°C
14-pin SOIC
MIC38C43-1BM
MIC38C43-1YM
-40°C to +85°C
14-pin SOIC
MIC38C44-1BM
MIC38C44-1YM
-40°C to +85°C
14-pin SOIC
MIC38C45-1BM
MIC38C45-1YM
-40°C to +85°C
14-pin SOIC
* Refer to the Part Number Cross Reference for a listing of Micrel devices equivalent to UC284x and UC384x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com