Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6414 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6414
Description  20V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6414 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6414 Datasheet HTML 1Page - Pan Jit International Inc. PJS6414 Datasheet HTML 2Page - Pan Jit International Inc. PJS6414 Datasheet HTML 3Page - Pan Jit International Inc. PJS6414 Datasheet HTML 4Page - Pan Jit International Inc. PJS6414 Datasheet HTML 5Page - Pan Jit International Inc. PJS6414 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6414
December 31,2014-REV.02
Page 1
20V N-Channel Enhancement Mode MOSFET
Voltage
20 V
Current
6.6A
SOT-23 6L-1
Unit : inch(mm)
Features
RDS(ON) , VGS@4.5V, ID@6.6A<36m
Ω
RDS(ON) , VGS@2.5V, ID@4.1A<52m
Ω
RDS(ON) , VGS@1.8V, ID@1.9A<92m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc..
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L-1 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
Marking: S14
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
6.6
A
Pulsed Drain Current
IDM
26.4
A
Power Dissipation
Ta=25
oC
PD
2
W
Derate above 25
oC
16
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
62.5
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6414

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6414 PANJIT-PJS6414 Datasheet
378Kb / 6P
20V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6414_S1_00001 PANJIT-PJS6414_S1_00001 Datasheet
378Kb / 6P
20V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6414_S2_00001 PANJIT-PJS6414_S2_00001 Datasheet
378Kb / 6P
20V N-Channel Enhancement Mode MOSFET
January 20,2022
PJS6414 PANJIT-PJS6414_V01 Datasheet
378Kb / 6P
20V N-Channel Enhancement Mode MOSFET
January 20,2022
More results

Similar Description - PJS6414

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com