Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6809 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJS6809
Description  30V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6809 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJS6809 Datasheet HTML 1Page - Pan Jit International Inc. PJS6809 Datasheet HTML 2Page - Pan Jit International Inc. PJS6809 Datasheet HTML 3Page - Pan Jit International Inc. PJS6809 Datasheet HTML 4Page - Pan Jit International Inc. PJS6809 Datasheet HTML 5Page - Pan Jit International Inc. PJS6809 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJS6809
June 8,2015-REV.03
Page 5
0.024
(0.60)
0.037
(0.95)
0.037
(0.95)
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
Part No Packing Code
Package Type
Packing type
Marking
Version
PJS6809_S1_00001
SOT-23 6L
3K pcs / 7
” reel
ST9
Halogen free
PJS6809_S2_00001
SOT-23 6L
10K pcs / 13
” reel
ST9
Halogen free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com