Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6811 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6811
Description  20V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6811 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6811 Datasheet HTML 1Page - Pan Jit International Inc. PJS6811 Datasheet HTML 2Page - Pan Jit International Inc. PJS6811 Datasheet HTML 3Page - Pan Jit International Inc. PJS6811 Datasheet HTML 4Page - Pan Jit International Inc. PJS6811 Datasheet HTML 5Page - Pan Jit International Inc. PJS6811 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJS6811
May 6,2015-REV.04
Page 1
20V P-Channel Enhancement Mode MOSFET
Voltage
-20 V
Current
-2.7A
SOT-23 6L-1
Unit : inch(mm)
Features
RDS(ON) , VGS@-4.5V, ID@-2.7A<105m
Ω
RDS(ON) , VGS@-2.5V, ID@-2.0A<135m
Ω
RDS(ON) , VGS@-1.8V, ID@-1.1A<190m
Ω
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 6L-1 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0005 ounces, 0.014 grams
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
+12
V
Continuous Drain Current
ID
-2.7
A
Pulsed Drain Current
IDM
-11
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6811

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6811 PANJIT-PJS6811 Datasheet
382Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022
PJS6811_S1_00001 PANJIT-PJS6811_S1_00001 Datasheet
382Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022
PJS6811_S2_00001 PANJIT-PJS6811_S2_00001 Datasheet
382Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022
PJS6811 PANJIT-PJS6811_V01 Datasheet
382Kb / 6P
20V P-Channel Enhancement Mode MOSFET
January 20,2022
More results

Similar Description - PJS6811

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com