Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857G-X-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC857G-X-AL3-R
Description  SWITCHING AND AMPLIFIER APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC857G-X-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BC857G-X-AL3-R Datasheet HTML 1Page - Unisonic Technologies BC857G-X-AL3-R Datasheet HTML 2Page - Unisonic Technologies BC857G-X-AL3-R Datasheet HTML 3Page - Unisonic Technologies BC857G-X-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856/BC857/BC858
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-028.F
ABSOLUTE MAXIMUM RATINGS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
BC856
VCBO
-80
V
BC857
-50
V
BC858
-30
V
Collector-Emitter Voltage
BC856
VCEO
-65
V
BC857
-45
V
BC858
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Dissipation
PD
310
mW
Collector Current (DC)
IC
-100
mA
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Cut-Off Current
ICBO
VCB=-30V, IE=0
-15
nA
DC Current Gain
hFE
VCE=-5V, IC=-2mA
110
800
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-10mA,IB=-0.5mA
-90
-300
mV
IC=-100mA,IB=-5mA
-250
-650
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-10mA,IB=-0.5mA
-700
mV
IC=-100mA,IB=-5mA
-900
mV
Base-Emitter On Voltage
VBE(ON)
VCE=-5V,IC=-2mA
-600
-660
-750
mV
VCE=-5V,IC=-10mA
-800
mV
Current Gain Bandwidth Product
fT
VCE=-5V,IC=-10mA, f=100MHz
150
MHz
Output Capacitance
Cob
VCB=-10V,IE=0,f=1MHz
6
pF
Noise Figure
NF
VCE=-5V, IC=-200A, f=1KHz, RG=2K
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
110-220
200-450
420-800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com