Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D965SSG-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # D965SSG-X-AE3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D965SSG-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  D965SSG-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies D965SSG-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies D965SSG-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies D965SSG-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D965SS / D965ASS
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-016.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base voltage
VCBO
40
V
D965SS
20
Collector-Emitter Voltage
D965ASS
VCEO
30
V
Emitter-Base Voltage
VEBO
7
V
Collector dissipation(Ta=25
C)
Pc
750
mW
Collector current
IC
5
A
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-65 ~ +150
C
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-base breakdown voltage
BVCBO
IC=100μA, IE=0
40
V
D965SS
20
V
Collector-emitter breakdown
voltage
D965ASS
BVCEO
IC=1mA, IB=0
30
V
Emitter-base breakdown voltage
BVEBO
IC =0, IE=10μA
7
V
Collector cut-off current
ICBO
VCB=10V, IE=0
100
nA
Emitter cut-off current
IEBO
VEB=7V, IC=0
100
nA
hFE1
VCE=2V, IC=1mA
200
hFE2
VCE=2V, IC=0.5A
230
800
DC current gain
hFE3
VCE=2V, IC=2A
150
Collector-emitter saturation voltage
VCE(SAT)
Ic=3A, IB= 0.1A
1
V
Current gain bandwidth product
fT
VCE=6V,IC=50mA
150
MHz
Output capacitance
Cob
VCB=20V,IE=0, f=1MHz
50
pF
CLASSIFICATION OF hFE2
RANK
Q
R
S
RANGE
230~380
340~600
560~800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com