Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE8550L-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # HE8550L-X-AB3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8550L-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  HE8550L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies HE8550L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies HE8550L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies HE8550L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
HE8550
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R206-031.H
LOW VOLTAGE HIGH
CURRENT SMALL SIGNAL PNP
TRANSISTOR
DESCRIPTION
The UTC HE8550 is a low voltage high current small signal
PNP transistor, designed for Class B push-pull 2W audio amplifier
for portable radio and general purpose applications.
FEATURES
* Collector Current up to 1.5A
* Collector-Emitter Voltage up to 25V
* Complimentary to UTC HE8050
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
HE8550L-x-AB3-R
HE8550G-x-AB3-R
SOT-89
B
C
E
Tape Reel
HE8550L-x-AE3-R
HE8550G-x-AE3-R
SOT-23
E
B
C
Tape Reel
HE8550L-x-T92-B
HE8550G-x-T92-B
TO-92
E
C
B
Tape Box
HE8550L-x-T92-K
HE8550G-x-T92-K
TO-92
E
C
B
Bulk
HE8550L-x-T9N-B
HE8550G-x-T9N-B
TO-92NL
E
C
B
Tape Box
HE8550L-x-T9N-K
HE8550G-x-T9N-K
TO-92NL
E
C
B
Bulk
MARKING
SOT-89
SOT-23
BA
L: Lead Free
G: Halogen Free
TO-92
TO-92NL


Similar Part No. - HE8550L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
HE8550L-C-AB3-B UTC-HE8550L-C-AB3-B Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550L-C-AE3-B UTC-HE8550L-C-AE3-B Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550L-C-T92-B UTC-HE8550L-C-T92-B Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550L-C-T9N-B UTC-HE8550L-C-T9N-B Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550L-D-AB3-B UTC-HE8550L-D-AB3-B Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results

Similar Description - HE8550L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_05 Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_10 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551_11 Datasheet
178Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_09 Datasheet
138Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
8550S UTC-8550S_10 Datasheet
188Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
E-Tech Electronics LTD
G8551S ETL-G8551S Datasheet
161Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Unisonic Technologies
S8050 UTC-S8050_15 Datasheet
190Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_15 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com