Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4420BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4420BMM
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4420BMM Datasheet HTML 1Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 2Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 3Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 4Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 5Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 6Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4420BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
April 1998
5-35
MIC4420/4429
Micrel
5
Figure 1a. Inverting Driver Switching Time
IN
MIC4429
OUT
2500pF
VS = 18V
0.1µF
1.0µF
0.1µF
IN
MIC4420
OUT
2500pF
VS = 18V
0.1µF
1.0µF
0.1µF
t
D1
90%
10%
t
F
10%
0V
5V
t
D2
t
R
V
S
OUTPUT
INPUT
90%
0V
t
PW ≥ 0.5µs
2.5V
t
PW
90%
10%
t
R
10%
0V
5V
t
F
V
S
OUTPUT
INPUT
90%
0V
t
PW ≥ 0.5µs
t
D1
t
D2
t
PW
2.5V
Figure 1b. Noninverting Driver Switching Time
Test Circuits
Electrical Characteristics: (T
A = –55°C to +125°C with 4.5V ≤ VS ≤ 18V unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.4
V
VIL
Logic 0 Input Voltage
0.8
V
VIN
Input Voltage Range
–5
VS + 0.3
V
IIN
Input Current
0V
≤ V
IN ≤ VS
–10
10
µA
OUTPUT
VOH
High Output Voltage
Figure 1
VS–0.025
V
VOL
Low Output Voltage
Figure 1
0.025
V
RO
Output Resistance,
IOUT = 10mA, VS = 18V
3
5
Ω
Output Low
RO
Output Resistance,
IOUT = 10mA, VS = 18V
2.3
5
Ω
Output High
SWITCHING TIME (Note 3)
tR
Rise Time
Figure 1, CL = 2500pF
32
60
ns
tF
Fall Time
Figure 1, CL = 2500pF
34
60
ns
tD1
Delay Time
Figure 1
50
100
ns
tD2
Delay Time
Figure 1
65
100
ns
POWER SUPPLY
IS
Power Supply Current
VIN = 3V
0.45
3.0
mA
VIN = 0V
0.06
0.4
mA
VS
Operating Input Voltage
4.5
18
V
NOTE 1:
Functional operation above the absolute maximum stress ratings is not implied.
NOTE 2:
Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to
prevent damage from static discharge.
NOTE 3:
Switching times guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com