Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4576 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4576
Description  200kHz Simple 3A Buck Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4576 Datasheet HTML 1Page - Micrel Semiconductor MIC4576 Datasheet HTML 2Page - Micrel Semiconductor MIC4576 Datasheet HTML 3Page - Micrel Semiconductor MIC4576 Datasheet HTML 4Page - Micrel Semiconductor MIC4576 Datasheet HTML 5Page - Micrel Semiconductor MIC4576 Datasheet HTML 6Page - Micrel Semiconductor MIC4576 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
April 1998•
4-129
MIC4576
MIC4576
Micrel
Ordering Information
Part Number
Voltage
Temperature Range
Package
MIC4576-3.3BT
3.3V
–40
°C to +85°C
5-lead TO-220
MIC4576-5.0BT
5.0V
–40
°C to +85°C
5-lead TO-220
MIC4576BT
Adjustable
–40
°C to +85°C
5-lead TO-220
MIC4576-3.3BU
3.3V
–40
°C to +85°C
5-lead TO-263
MIC4576-5.0BU
5.0V
–40
°C to +85°C
5-lead TO-263
MIC4576BU
Adjustable
–40
°C to +85°C
5-lead TO-263
Pin Configuration
5
SHDN
4FB
3
GND
2SW
1VIN
5-Lead TO-220 (T)
5
SHDN
4FB
3
GND
2SW
1VIN
5-Lead TO-263 (U)
Pin Description
Pin Number
Pin Name
Pin Function
1V
IN
Supply Voltage (Input): Unregulated +4V to +36V supply voltage.
2
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Shottky diode.
3, TAB
GND
Ground
4
FB
Feedback (Input): Output voltage feedback to regulator. Connect to output
of supply for fixed versions. Connect to 1.23V tap of resistive divider for
adjustable versions.
5
SHDN
Shutdown (Input): Logic low enables regulator. Logic high (> 2.4V) shuts
down regulator.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com