Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5089G-AE3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MMBT5089G-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT5089G-AE3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MMBT5089G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 6Page - Unisonic Technologies MMBT5089G-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT5088/MMBT5089
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,Ltd
6 of 7
www.unisonic.com.tw
QW-R206-033.C
TYPICAL CHARACTERISTICS(Cont.)
Contours of Constant
Narrow Band Noise Figure
10,000
1
10
1,000
100
5,000
2,000
1,000
500
200
100
Collector Current, IC (µA)
VCE=5.0V
f=1.0KHz
Bandwidth=200Hz
8.0dB
6.0dB
4.0dB
3.0dB
2.0dB
Contours of Constant
Narrow Band Noise Figure
10,000
1
10
1,000
100
5,000
2,000
1,000
500
200
100
Collector Current, IC (µA)
VCE=5.0V
f=10KHz
Bandwidth=2.0KHz
8.0dB
4.0dB
3.0dB
2.0dB
1.0dB
6.0dB
5.0
dB
6.0dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com