Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4467CWM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4467CWM
Description  Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4467CWM Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC4467CWM Datasheet HTML 1Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 2Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 3Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 4Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 5Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 6Page - Micrel Semiconductor MIC4467CWM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-86
April 1998
MIC4467/4468/4469
Micrel
Quiescent Power Supply
Current vs. Supply Voltage
Quiescent Power Supply
Current vs. Supply Voltage
0
0.5
2.5
1.0
1.5
20
15
5
0
SUPPLY VOLTAGE (V)
10
2.0
15
10
05
0
50
100
150
200
300
400
20
SUPPLY VOLTAGE (V)
NO LOAD
BOTH INPUTS LOGIC "1"
T = 25
°C
A
NO LOAD
BOTH INPUTS LOGIC "0"
T = 25
°C
A
Test Figure 1
Package Power Dissipation
Quad Driver Drives H Bridge to
Control Motor Speed and Direction
0
250
500
750
1000
1250
1500
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
14-PIN PDIP
SLOPE = –12 mW/
°C
16-PIN WIDE SOIC
SLOPE = –8 mW/
°C
INVERTING INPUT
+5V
VINPUT
10%
90%
10%
90%
10%
90%
18V
0V
VOUTPUT
tD1
tF
tR
tD2
NON-INVERTING INPUT
+5V
INPUT
18V
0V
VOUTPUT
V
90%
10%
10%
10%
90%
tD1
tR
VOUT
IN
1 µF FILM
0.1 µF CERAMIC
VS
470 pF
1
IN1
IN2
IN2
IN3
IN3
IN4
IN4
tD2
tF
90%
GND
DC BRUSH
MOTOR
PWM SPEED
+5V TO +15V
MIC4467
CW
CCW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com