Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5013BM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5013BM
Description  Protected High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013BM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5013BM Datasheet HTML 8Page - Micrel Semiconductor MIC5013BM Datasheet HTML 9Page - Micrel Semiconductor MIC5013BM Datasheet HTML 10Page - Micrel Semiconductor MIC5013BM Datasheet HTML 11Page - Micrel Semiconductor MIC5013BM Datasheet HTML 12Page - Micrel Semiconductor MIC5013BM Datasheet HTML 13Page - Micrel Semiconductor MIC5013BM Datasheet HTML 14Page - Micrel Semiconductor MIC5013BM Datasheet HTML 15Page - Micrel Semiconductor MIC5013BM Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
July 2000
13
MIC5013
MIC5013
Micrel
Applications Information (Continued)
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
12V
IRCZ44
10µF
43
Ω
20k
Ω
4.3k
Ω
Figure 13. Motor Stall
Shutdown
+
SENSE
SOURCE
KELVIN
M
T
STOP
RUN
START
12V
100nF
1N4148
330k
Ω
330k
Ω
330k
Ω
1N4148
R
RESET
Fault
V+
Gate
1
2
3
4
8
MIC5013
Gnd
7
6
5
Thresh
Sense
Source
Input
12V
IRCZ44
10µF
43
Ω
20k
Ω
4.3k
Ω
Figure 12. Time-Delay Relay
with 30A Over-Current Protection
+
SENSE
SOURCE
KELVIN
OUTPUT
(Delay=5s)
10k
Ω
100
Ω
100µF
+
100k
Ω
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com