Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN1518G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UN1518G-AE3-R
Description  POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UN1518G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UN1518G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UN1518G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UN1518G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UN1518
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-088.D
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise stated)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
Pulse (Note 2)
ICM
6
A
DC
IC
2.5
A
Base Current
IB
500
mA
Total Device Dissipation
PD
625
mW
Storage Temperature
TSTG
-50 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width=300ms. Duty cycle ≤2%
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO IC=100µA
20
100
V
Collector-Emitter Breakdown Voltage
BVCEO IC=10mA (Note)
20
27
V
Emitter-Base Breakdown Voltage
BVEBO IE=100µA
5
8.3
V
Collector Cut-Off Current
ICBO
VCB=16V
100
nA
Emitter Cut-Off Current
IEBO
VEB=4V
100
nA
Collector Emitter Cut-Off Current
ICES
VCES=16V
100
nA
Collector-Emitter Saturation Voltage (Note) VCE(SAT)
IC=0.1A, IB=10mA
10
15
mV
IC=1A, IB=10mA
70
150
mV
IC=2.5A, IB=50mA
200
250
mV
Base-Emitter Saturation Voltage (Note)
VBE(SAT) IC=2.5A, IB=50mA
0.89
1.0
V
Base-Emitter Turn-On Voltage (Note)
VBE(ON) VCE=2V, IC=2.5A
0.79
1.0
V
DC Current Gain (Note)
hFE
VCE=2V, IC=10mA
200
400
VCE=2V, IC=200mA
300
450
VCE=2V, IC=2A
200
360
VCE=2V, IC=6A
100
180
Transition Frequency
fT
VCE=10V, IC=50mA, f=100MHz
100
140
MHz
Output Capacitance
COB
VCB=10V, f=1MHz
23
30
pF
Turn-On Time
t(ON)
VCC=10V, IC=1A IB1=-IB2=10mA
170
nS
Turn-Off Time
t(OFF)
400
nS
Note: Pulse width=300ms. Duty cycle ≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com