Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HJ44H11G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # HJ44H11G-AA3-R
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HJ44H11G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  HJ44H11G-AA3-R Datasheet HTML 1Page - Unisonic Technologies HJ44H11G-AA3-R Datasheet HTML 2Page - Unisonic Technologies HJ44H11G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HJ44H11
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R209-024.D
TYPICAL CHARACTERISTICS
100
1000
10000
10
100
1000
Current Gain vs. Collector Current
Collector Current (mA)
VCE=1V
10
100
10000
10
100
1000
Saturation Voltage vs. Collector Current
Collector Current (mA)
1000
VCE(SAT)@IC=20IB
100
1000
10000
10
1000
10000
Saturation Voltage vs. Collector Current
VBE(SAT)@IC=10IB
Collector Current (mA)
110
100
10
100
1000
Capacitance vs. Reverse-Biased Voltage
COB
Reverse Biased Voltage (V)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com