Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5022 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5022
Description  Half-Bridge MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5022 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5022 Datasheet HTML 1Page - Micrel Semiconductor MIC5022 Datasheet HTML 2Page - Micrel Semiconductor MIC5022 Datasheet HTML 3Page - Micrel Semiconductor MIC5022 Datasheet HTML 4Page - Micrel Semiconductor MIC5022 Datasheet HTML 5Page - Micrel Semiconductor MIC5022 Datasheet HTML 6Page - Micrel Semiconductor MIC5022 Datasheet HTML 7Page - Micrel Semiconductor MIC5022 Datasheet HTML 8Page - Micrel Semiconductor MIC5022 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
September 1999
179
MIC5022
MIC5022
Micrel
Pin Description
DIP Pin No.
SOIC Pin No.
Pin Name
Pin Function
11
V
DD
Supply: +12V to +36V. Decouple with
≥ 10µF capacitor.
2
3
Input
TTL Compatible Input: Logic high turns the high-side external MOSFET on
and the low-side external MOSFET off. Logic low turns the high-side
external MOSFET off and the low-side external MOSFET on. An internal
pull-down returns an open pin to logic low.
3
4
Fault
When either sense voltage exceeds threshold, open collector output is open
circuit for 5
µs (t
G(ON)), then pulled low for tG(OFF). tG(OFF) is adjustable from
C
T.
45
C
TH
Retry Trimming Capacitor, High Side: Controls the off time (t
G(OFF)) of the
overcurrent retry cycle. (Duty cycle adjustment.)
• Open = approx. 20% duty cycle.
• Capacitor to Ground = approx. 20% to < 1% duty cycle.
• Pullup resistor = approx. 20% to approx. 75% duty cycle.
• Ground = maintained shutdown upon overcurrent condition.
5
6
Enable
Output Enable: Disables operation of the output drivers; active high. An
internal pull-down returns an open pin to logic low.
67
C
TL
Retry Trimming Capacitor, Low Side: Same function as C
TH.
7
8
Gnd
Circuit Ground
8
8
Sense L +
Current Sense Comparator (+) Input, Low Side: Connect to source of low-
side MOSFET. A built-in offset (nominal 50mV) in conjunction with R
SENSE
sets the load overcurrent trip point.
9
10
Sense L –
Current Sense Comparator (–) Input, Low Side: Connect to the negative
side of the low-side sense resistor.
10
11
Gate L
Gate Drive, Low Side: Drives the gate of an external power MOSFET. Also
limits V
GS to 15V max. to prevent Gate to Source damage. Will sink and
source current.
11
12
Sense H +
Current Sense Comparator (+) Input, High Side: Connect to source of high-
side MOSFET. A built-in offset (nominal 50mV) in conjunction with R
SENSE
sets the load overcurrent trip point.
12
13
Source H –
Current Sense Comparator (–) Input, High Side: Connect to the negative
side of the high-side sense resistor.
13
14
Gate H
Gate Drive, High Side: Drives the gate of an external power MOSFET. Also
limits V
GS to 15V max. to prevent Gate to Source damage. Will sink and
source current.
14
15
V
BOOST
Charge Pump Boost Capacitor: A bootstrap capacitor from V
BOOST to the
MOSFET source pin supplies charge to quickly enhance the external
MOSFET’s gate .
Pin Configuration
DIP Package
SOIC Package
(N)
(WM)
114
2
3
4
5
6
7
13
12
10
9
8
11
VDD
VBOOST
Input
Fault
CTH
Enable
CTL
Gnd
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
1
14
2
3
4
5
6
7
13
12
10
9
11
VDD
VBOOST
Input
Fault
CTH
Enable
CTL
Gnd
Gate H
Sense H–
Sense H+
Gate L
Sense L–
Sense L+
NC
NC
8
15
16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com