Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5200
Description  100mA Low-Dropout Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5200 Datasheet HTML 1Page - Micrel Semiconductor MIC5200 Datasheet HTML 2Page - Micrel Semiconductor MIC5200 Datasheet HTML 3Page - Micrel Semiconductor MIC5200 Datasheet HTML 4Page - Micrel Semiconductor MIC5200 Datasheet HTML 5Page - Micrel Semiconductor MIC5200 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC5200
Micrel
July 1998
3-124
Absolute Maximum Ratings
Power Dissipation ............................................... Internally Limited
Lead Temperature (soldering, 5 sec.) .................................. 260
°C
Operating Junction Temperature Range ............. –40
°C to +125°C
Input Supply Voltage ................................................ –20V to +60V
Enable Input Voltage ................................................ –20V to +60V
Thermal Characteristics
SOT-223
(θ
JC) ..................................................................... 15°C/W
SO-8
(θ
JA) ..................................................................... See Note 1
Absolute Maximum Ratings indicate limits beyond which damage
to the device may occur. Electrical specifications do not apply when
operating the device beyond its specified Operating Ratings.
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
SOT-223
SO-8, MSOP-8
3
1, 2
OUT
Output: Pins 1 and 2 must be externally connected together.
3, 6
NC
(not internally connected): Connect to ground plane for lowest thermal
resistance.
2, TAB
4
GND
Ground: Ground pin and TAB are internally connected.
5
EN
Enable/Shutdown (Input): TTL compatible input. High = enabled;
low = shutdown.
1
7, 8
IN
Supply Input: Pins 7 and 8 must be extenally connected together.
EN may be tied directly to V
IN
Pin Configuration
12
3
IN GND OUT
MIC5200-x.xBS
(SOT-223)
Recommended Operating Conditions
Input Voltage ............................................................... 2.5V to 26V
Operating Junction Temperature Range ............. –40
°C to +125°C
Enable Input Voltage .................................................... –20V to V
IN
GND
OUT
IN
EN
MIC5200-x.xBM
(SO-8)
MIC5200-x.xBMM
(MSOP-8)
OUT
NC
IN
NC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com