Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5210 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5210
Description  Dual 150mA LDO Regulator Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5210 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5210 Datasheet HTML 1Page - Micrel Semiconductor MIC5210 Datasheet HTML 2Page - Micrel Semiconductor MIC5210 Datasheet HTML 3Page - Micrel Semiconductor MIC5210 Datasheet HTML 4Page - Micrel Semiconductor MIC5210 Datasheet HTML 5Page - Micrel Semiconductor MIC5210 Datasheet HTML 6Page - Micrel Semiconductor MIC5210 Datasheet HTML 7Page - Micrel Semiconductor MIC5210 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC5210
2
February 2000
MIC5210
Micrel
Pin Configuration
1
2
3
4
8
7
6
5
INA
ENA
INB
ENB
OUTA
GND
OUTB
BYPB
MIC5210BMM
Pin Description
Pin Number
Pin Name
Pin Function
1
OUTA
Regulator Output A
2
GND
Ground.
3
OUTB
Regulator Output B
4
BYPB
Reference Bypass B: Connect external 470pF capacitor to GND to reduce
output noise in regulator “B”. May be left open.
5
ENB
Enable/Shutdown B (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown. Do not leave floating.
6
INB
Supply Input B
7
ENA
Enable/Shutdown A (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown. Do not leave floating.
8
INA
Supply Input A
Absolute Maximum Ratings
Supply Input Voltage (V
IN) ............................ –20V to +20V
Enable Input Voltage (V
EN) ........................... –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Storage Temperature Range ................... –60
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Recommended Operating Conditions
Supply Input Voltage (V
IN) ............................... 2.5V to 16V
Enable Input Voltage (V
EN) ................................. 0V to 16V
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
(θ
JA) ......................................... Note 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com