Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7136 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7136
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7136 Datasheet HTML 5Page - Intersil Corporation ICL7136 Datasheet HTML 6Page - Intersil Corporation ICL7136 Datasheet HTML 7Page - Intersil Corporation ICL7136 Datasheet HTML 8Page - Intersil Corporation ICL7136 Datasheet HTML 9Page - Intersil Corporation ICL7136 Datasheet HTML 10Page - Intersil Corporation ICL7136 Datasheet HTML 11Page - Intersil Corporation ICL7136 Datasheet HTML 12Page - Intersil Corporation ICL7136 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN3086.6
July 21, 2005
Digital Section
Figures 6 shows the digital section for the ICL7136. In the
ICL7136, an internal digital ground is generated from a 6V
Zener diode and a large P-Channel source follower. This
supply is made stiff to absorb the relatively large capacitive
currents when the back plane (BP) voltage is switched. The
BP frequency is the clock frequency divided by 800. For
three readings/second this is a 60Hz square wave with a
nominal amplitude of 5V. The segments are driven at the
same frequency and amplitude and are in phase with BP
when OFF, but out of phase when ON. In all cases negligible
DC voltage exists across the segments.
The polarity indication is “on” for negative analog inputs. If IN
LO and IN HI are reversed, this indication can be reversed
also, if desired.
ICL7136
V+
BP
TEST
DECIMAL
POINT
SELECT
CD4030
GND
V+
TO LCD
DECIMAL
POINTS
FIGURE 5. EXCLUSIVE “OR” GATE FOR DECIMAL POINT DRIVE
FIGURE 6. ICL7136 DIGITAL SECTION
7
SEGMENT
DECODE
LCD PHASE DRIVER
LATCH
7
SEGMENT
DECODE
÷200
LOGIC CONTROL
INTERNAL
VTH = 1V
7
SEGMENT
DECODE
1000’s
100’s
10’s
1’s
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
DIGITAL
GROUND
÷4
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
BACKPLANE
21
V+
TEST
V-
500
Ω
37
26
6.2V
COUNTER
COUNTER
COUNTER
COUNTER
1
†
† THREE INVERTERS
ONLY ONE INVERTER SHOWN
FOR CLARITY
SEGMENT
OUTPUT
0.5mA
2mA
INTERNAL DIGITAL GROUND
TYPICAL SEGMENT OUTPUT
V+
c
a
b
c
d
f
g
e
a
b
a
b
c
d
f
g
e
a
b
c
d
f
g
e
ICL7136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com