Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5841 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5841
Description  8-Bit Serial-Input Latched Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5841 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5841 Datasheet HTML 1Page - Micrel Semiconductor MIC5841 Datasheet HTML 2Page - Micrel Semiconductor MIC5841 Datasheet HTML 3Page - Micrel Semiconductor MIC5841 Datasheet HTML 4Page - Micrel Semiconductor MIC5841 Datasheet HTML 5Page - Micrel Semiconductor MIC5841 Datasheet HTML 6Page - Micrel Semiconductor MIC5841 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
October 1998
7-43
Micrel
MIC5841/5842
7
Electrical Characteristics at TA = 25°C VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Applicable
Limits
Characteristic
Symbol
Devices
Test Conditions
Min.
Max.
Unit
Output Leakage Current
ICEX
MIC5841
VOUT = 50V
50
µA
VOUT = 50V, TA = +70°C
100
MIC5842
VOUT = 80V
50
VOUT = 80V, TA = +70°C
100
Collector-Emitter
VCE(SAT)
Both
IOUT = 100mA
1.1
V
Saturation Voltage
IOUT = 200mA
1.3
IOUT = 350mA, VDD = 7.0V
1.6
Collector-Emitter
VCE(SUS)
MIC5841
IOUT = 350mA, L = 2mH
35
V
Sustaining Voltage
(Note 5)
MIC5842
IOUT = 350mA, L = 2mH
50
Input Voltage
VIN(0)
Both
0.8
V
VIN(1)
Both
VDD = 12V
10.5
VDD = 10V
8.5
VDD = 5.0V (See Note 4)
3.5
Input Resistance
RIN
Both
VDD = 12V
50
k
Ω
VDD = 10V
50
VDD = 5.0V
50
Supply Current
IDD(ON)
Both
All Drivers ON, VDD = 12V
16
mA
All Drivers ON, VDD = 10V
14
All Drivers ON, VDD = 5.0V
8.0
IDD(OFF)
Both
All Drivers OFF, VDD = 12V
2.9
All Drivers OFF, VDD = 10V
2.5
All Drivers OFF, VDD = 5.0V
1.6
Clamp Diode
IR
MIC5841
VR = 50V
50
µA
Leakage Current
MIC5842
VR = 80V
50
Clamp Diode
VF
Both
IF = 350mA
2.0
V
Forward Voltage
Note 4: Operation of these devices with standard TTL may require the use of appropriate pull-up resistors to insure an
input logic HIGH.
Note 5: Not 100% tested. Guaranteed by design.
Absolute Maximum Ratings (Note 1, 2, 3)
at 25
°C Free-Air Temperature and VSS = 0V
Output Voltage, VCE (MIC5841)
50V
(MIC5842)
80V
Output Voltage, VCE(SUS) (MIC5841) (Note 1)
35V
(MIC5842)
50V
Logic Supply Voltage, VDD
15V
VDD with Reference to VEE
25V
Emitter Supply Voltage, VEE
–20V
Input Voltage Range, VIN
–0.3V to VDD + 0.3V
Continuous Output Current, IOUT
500mA
Package Power Dissipation, PD (Note 2)
1.82W
Operating Temperature Range, TA
–55
°C to +85°C
Storage Temperature Range, TS
–65
°C to +150°C
Note 1: For Inductive load applications.
Note 2: Derate at the rate of 18.2mW/
°C above T
A = 25°C (Plastic DIP)
Note 3: CMOS devices have input-static protection but are susceptible to
damage when exposed to extremely high static electrical
charges.
Pin Configuration
(20-Pin PLCC)Top View.
1
2
3
4
12
13
11
20
19
18
14
15
16
17
9
10
5
6
7
8
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
SERIAL DATA OUT
VSS
NC
VDD
NC
MIC5842BV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com