Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5891
Description  8-Bit Serial-Input Latched Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5891 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5891 Datasheet HTML 1Page - Micrel Semiconductor MIC5891 Datasheet HTML 2Page - Micrel Semiconductor MIC5891 Datasheet HTML 3Page - Micrel Semiconductor MIC5891 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
December 1997
7-55
MIC5891
Micrel
7
Absolute Maximum Ratings (Notes 1, 2, 3)
8
53%
47%
41%
7
60%
54%
48%
6
70%
64%
56%
5
83%
75%
67%
4
100%
94%
84%
3
100%
100%
100%
2
100%
100%
100%
1
100%
100%
100%
50
°C60°C70°C
Number of
Outputs ON at
I
OUT = –200 mA
Max. Allowable Duty Cycles
at T
A of:
Allowable Duty Cycles
Typical Circuits
IN
VDD
Output Voltage (V
OUT) .............................................. 50V
Logic Supply Voltage Range (V
DD) ............... 4.5V to 15V
Load Supply Voltage Range (V
BB) ................ 5.0V to 50V
Input Voltage Range (V
IN) ................. –0.3V to VDD+0.3V
Continuous Collector Current (I
C) ........................ 500mA
Package Power Dissipation .............................
see graph
Operating Temperature Range (T
A) ...... –55°C to +125°C
Storage Temperature Range (T
S) ......... –65°C to +150°C
Note 1:
T
A = 25°C
Note 2:
Derate at the rate of 20mW/
°C above T
A = 25°C.
Note 3:
Micrel CMOS devices have input-static protection but are
susceptible to damage when exposed to extremely high static
electrical charges.
Typical Output Circuit
VBB
VOUT
Typical Input Circuit
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
Allowable Package Power
Dissipation vs. Temp.
PDIP
θ
JA = 60°C/W
CerDIP
θ
JA = 90°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com