Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC59P50 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC59P50
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC59P50 Datasheet HTML 1Page - Micrel Semiconductor MIC59P50 Datasheet HTML 2Page - Micrel Semiconductor MIC59P50 Datasheet HTML 3Page - Micrel Semiconductor MIC59P50 Datasheet HTML 4Page - Micrel Semiconductor MIC59P50 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
October 1998
7-59
MIC59P50
Micrel
7
Pin Description
Pin
Name
Description
1
FLAG
Error Flag. Open Collector Output is Low upon Overcurrent Fault or
Overtemperature Fault. OUTPUT ENABLE/RESET must be pulled high to
reset the flag and fault condition.
2
CLEAR
Sets All Latches OFF (open).
3
STROBE
Input Strobe Pin. Loads output latches when High.
4–11
INPUT
Parallel Inputs, 1 through 8
12
V
EE
Output Ground (Substrate). Most negative voltage in the system connects
here.
13
COMMON
Transient suppression diodes cathode common pin.
14–21
OUTPUT
Parallel Outputs, 8 through 1.
22
V
DD
Logic Positive Supply voltage.
23
OUTPUT ENABLE RESET
Output Enable Reset. When Low, Outputs are active. When High, outputs
are inactive and the Flag and outputs are reset from a fault condition. An
undervoltage condition emulates a high OE input.
24
V
SS
Logic reference (Ground) pin.
Absolute Maximum Ratings T
A = +25°C
Output Voltage (V
CE) .................................................... 80V
Supply Voltage (V
DD) .................................................... 15V
(V
DD – VEE) ............................................................... 25V
Input Voltage (V
IN) ............................... –0.3V to VDD+0.3V
Continuous Collector Current (I
C) ............................ 500mA
Protected Current ............................................ 1.5A, Note 1
Power Dissipation (P
D)
Plastic DIP (N) ......................................................... 2.4W
Derate above T
A = +25°C ............................ 24mW/°C
PLCC (V) ................................................................. 1.6W
Derate above T
A = +25°C ............................ 16mW/°C
Wide SOIC (WM) .................................................... 1.4W
Derate above T
A = +25°C ............................ 14mW/°C
Operating Temperature (T
A)
Plastic DIP (N), PLCC (V), SOIC (WM) .. –40
°C to +85°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Junction Temperature (T
J) ...................................... +150°C
ESD ......................................................................... Note 2
Note 1:
Each channel. VEE connection must be designed to minimize
inductance and resistance.
Note 2:
Devices are input-static protected but can be damage by
extremely high static charges.
Typical Input
IN
DD
V
0
102030405060708090100
450
400
350
300
250
200
150
100
PERCENT DUTY CYCLE
3
1 or 2
4
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
5
6
7
8
MIC59P50BN
Allowable Output Current
PLCC Pin Configuration
1
2
3
4
12
13
14
28
27
26
25
19
20
21
22
23
24
18
17
16
15
5
6
7
8
9
10
11
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
IN 7
IN 6
IN 5
IN 4
IN 3
IN 2
IN 1
MIC59P50BV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com