Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM7341
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM7341_15 Datasheet HTML 8Page - Texas Instruments LM7341_15 Datasheet HTML 9Page - Texas Instruments LM7341_15 Datasheet HTML 10Page - Texas Instruments LM7341_15 Datasheet HTML 11Page - Texas Instruments LM7341_15 Datasheet HTML 12Page - Texas Instruments LM7341_15 Datasheet HTML 13Page - Texas Instruments LM7341_15 Datasheet HTML 14Page - Texas Instruments LM7341_15 Datasheet HTML 15Page - Texas Instruments LM7341_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
10
20
30
40
VS (V)
RL = 2 k:
125°C
85°C
25°C
-40°C
0
10
20
30
40
0
0.05
0.1
0.15
0.2
0.25
VS (V)
RL = 10 k:
-40°C
125°C
85°C
25°C
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
VS (V)
RL = 2 k:
-40°C
125°C
85°C
25°C
0
10
20
30
40
0
0.05
0.1
0.15
0.2
0.25
VS (V)
RL = 10 k:
-40°C
125°C
85°C
25°C
0
5
10
15
20
25
30
35
40
VS (V)
0.5
0.6
0.7
0.8
0.9
1
125°C
85°C
-40°C
25°C
VCM = V
-
+0.5V
0
5
10
15
20
25
30
35
40
VS (V)
0.5
0.6
0.7
0.8
0.9
1
VCM = V
+
-0.5V
-40°C
25°C
85°C
125°C
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
IS vs. VCM
IS vs. VCM
Figure 34.
Figure 35.
Positive Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
Figure 36.
Figure 37.
Negative Output Swing vs. Supply Voltage
Negative Output Swing vs. Supply Voltage
Figure 38.
Figure 39.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com