Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MF/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM7341MF/NOPB
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341MF/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM7341MF/NOPB Datasheet HTML 16Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 17Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 18Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 19Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 20Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 21Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 22Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 23Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
+VCC
R2
VA = VREF
R1
VOUT HIGH
R1
VA = VREF
R2
VOUT LOW
14.975
VIN 1
VOUT
0
30V
15.025
VIN 2
VIN
VIN 2
VIN 1
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Figure 56. Non-Inverting Comparator with Hysteresis
OTHER SOT-23 AMPLIFIERS
The LM7321 is a rail-to-rail input and output amplifier that can tolerate unlimited capacitive load. It works from
2.7V to ±15V and across the
−40°C to 125°C temperature range. It has 20 MHz gain-bandwidth, and is available
in both 5-Pin SOT-23 and 8-Pin SOIC packages.
The LM6211 is a 20 MHz part with CMOS input, which runs on 5V to 24V single supplies. It has rail-to-rail output
and low noise.
The LMP7701 is a rail-to-rail input and output precision part with an input voltage offset under 220 microvolts and
low noise. It has 2.5 MHz bandwidth and works on 2.7V to 12V supplies.
SMALLER SC70 AMPLIFIERS
The LMV641 is a 10 MHz amplifier which uses only 140 micro amps of supply current. The input voltage offset is
less than 0.5 mV.
The LMV851 is an 8 MHz amplifier which uses only 0.4 mA supply current, and is available in the smaller SC70
package. The LMV851 also resists Electro Magnetic Interference (EMI) from mobile phones and similar high
frequency sources. It works on 2.7V to 5.5 V supplies.
Detailed information on these and a wide range of other parts can be found at www.ti.com.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com