Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MFE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM7341MFE/NOPB
Description  Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7341MFE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM7341MFE/NOPB Datasheet HTML 1Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 2Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 3Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 4Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 5Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 6Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 7Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 8Page - Texas Instruments LM7341MFE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23
Package
Check for Samples: LM7341
1
FEATURES
DESCRIPTION
The LM7341 is a rail-to-rail input and output amplifier
2
•
(VS = ±15V, TA = 25°C, Typical Values.)
in a small SOT-23 package with a wide supply
•
Tiny 5-pin SOT-23 Package Saves Space
voltage and temperature range. The LM7341 has a
•
Greater than Rail-to-Rail Input CMVR
−15.3V to
4.6
MHz
gain
bandwidth
and
a
1.9
volt
per
15.3V
microsecond slew rate, and draws 0.75 mA of supply
current at no load.
•
Rail-to-Rail Output Swing
−14.84V to 14.86V
The LM7341 is tested at
−40°C, 125°C and 25°C with
•
Supply Current 0.7 mA
modern
automatic
test
equipment.
Detailed
•
Gain Bandwidth 4.6 MHz
performance specifications at 2.7V, ±5V, and ±15V
•
Slew Rate 1.9 V/µs
and over a wide temperature range make the
•
Wide Supply Range 2.7V to 32V
LM7341 a good choice for automotive, industrial, and
other demanding applications.
•
High Power Supply Rejection Ratio 106 dB
Greater than rail-to-rail input common mode range
•
High Common Mode Rejection Ratio 115 dB
with a minimum 76 dB of common mode rejection at
•
Excellent Gain 106 dB
±15V makes the LM7341 a good choice for both high
•
Temperature Range
−40°C to 125°C
and low side sensing applications.
•
Tested at
−40°C, 125°C and 25°C at 2.7V, ±5V
LM7341 performance is consistent over a wide
and ±15V
voltage range, making the part useful for applications
where the supply voltage can change, such as
APPLICATIONS
automotive electrical systems and battery powered
electronics.
•
Automotive
•
Industrial Robotics
The LM7341 uses a small SOT23-5 package, which
takes up little board space, and can be placed near
•
Sensor Output Buffers
signal sources to reduce noise pickup.
•
Multiple Voltage Power Supplies
•
Reverse Biasing of Photodiodes
•
Low Current Optocouplers
•
High Side Sensing
•
Comparator
•
Battery Chargers
•
Test Point Output Buffers
•
Below Ground Current Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM7341MFE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7341MFE/NOPB TI2-LM7341MFE/NOPB Datasheet
601Kb / 28P
LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
REVISED MARCH 2013
More results

Similar Description - LM7341MFE/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
LM7321 NSC-LM7321 Datasheet
741Kb / 24P
Rail-to-Rail Input/Output 짹15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Linear Technology
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
National Semiconductor ...
LM7341 NSC-LM7341 Datasheet
587Kb / 20P
짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com