Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC59P50BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC59P50BWM
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC59P50BWM Datasheet HTML 1Page - Micrel Semiconductor MIC59P50BWM Datasheet HTML 2Page - Micrel Semiconductor MIC59P50BWM Datasheet HTML 3Page - Micrel Semiconductor MIC59P50BWM Datasheet HTML 4Page - Micrel Semiconductor MIC59P50BWM Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIC59P50
Micrel
7-60
October 1998
Electrical Characteristics
V
DD = 5V; TA = +25°C; unless noted.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
I
CEX
V
CE = 80V, TA = +25°C50
µA
V
CE = 80V, TA = +70°C
100
Collector-Emitter
V
CE(SAT)
I
C = 100 mA
0.9
1.1
V
Saturation Voltage
I
C = 200 mA
1.1
1.3
I
C = 350 mA
1.3
1.6
Input Voltage
V
IN(0)
1.0
V
V
IN(1)
V
DD = 12V
10.5
V
DD = 10V
8.5
V
DD = 5.0V Note 3
3.5
Input Resistance
R
IN
V
DD = 12V
50
200
k
Ω
V
DD = 10V
50
300
V
DD = 5.0V
50
600
Flag Output Current
I
OL
V
OL = 0.4V
15
mA
Flag Output Leakage
I
OH
V
OH = 12.0V
50
nA
Supply Current
I
DD(ON)
V
DD = 12V, Outputs Open
3.3
4.5
mA
(One output
V
DD = 10V, Outputs Open
3.1
4.5
active)
V
DD = 5.0V, Outputs Open
2.4
3.6
I
DD(ON)
V
DD = 12V, Outputs Open
6.4
10.0
mA
(All outputs
V
DD = 10V, Outputs Open
6.0
9.0
active)
V
DD = 5.0V, Outputs Open
4.7
7.5
I
DD(OFF)
V
DD = 12V, Outputs Open, Inputs = 0V
3.0
4.5
mA
(Total)
V
DD = 5.0V, Outputs Open, Inputs = 0V
2.2
3.6
Clamp Diode
I
R
V
R = 80V, TA = +25°C50
µA
Leakage Current
V
R = 80V, TA = +70°C
100
Over-Current Threshold
I
LIM
Each Output
500
mA
Start-Up Voltage
V
SU
Note 4
3.5
4.0
4.5
V
Minimum Operating V
DD
V
DD MIN
3.0
3.5
4.0
V
Clamp Diode Forward Voltage
V
F
I
F = 350 mA
1.7
2.0
V
Thermal Shutdown
165
°C
Thermal Shutdown Hysteresis
10
NOTE 3:
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic “1”.
NOTE 4:
Undervoltage lockout is guaranteed to release device at no more than 4.5V and disable the device at no less than 3.0V input logic voltage.
Truth Table
Output
OUTN
INN
Strobe
Clear
Enable
t–1
t
0
1
0
0
X
OFF
11
0
0
X
ON
X
X
1
X
X
OFF
X
X
X
1
X
OFF
X
0
0
0
ON
ON
X
0
0
0
OFF
OFF
X = Irrelevant
t–1 = previous output state
t = present output state
Information present at an input is transferred to its latch when
the STROBE is high. A high CLEAR input will set all latches
to the output OFF condition regardless of the data or STROBE
input levels. A high OUTPUT ENABLE will set all outputs to
the off condition, regardless of any other input conditions.
When the OUTPUT ENABLE is low, the outputs depend on
the state of their respective latches. If current shutdown is
activated, the OUTPUT ENABLE must be pulsed high to
restore operation and reset the Flag. Over temperature
faults are not latched and require no reset pulse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com