Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2231AMF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231AMF/NOPB
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231AMF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP2231AMF/NOPB Datasheet HTML 8Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 9Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 10Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 11Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 12Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 13Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 14Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 15Page - Texas Instruments LMP2231AMF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
0
-100
-75
-25
0
25
50
75
100
VCM (V)
-50
0.5
1
1.5
2
2.5
VS = 3.3V
-40°C
25°C
0
-20
-15
-5
0
5
10
15
20
VCM (V)
-10
0.5
1
1.5
2
2.5
VS = 3.3V
85°C
125°C
0
0.5
1
1.5
2
-10
10
VCM (V)
-8
-6
-4
-2
0
2
4
6
8
VS = 2.5V
85°C
125°C
0
0.5
1
1.5
2
-40
-30
-20
-10
0
10
20
30
40
VCM (V)
25°C
-40°C
VS = 2.5V
0
0.25
0.5
0.75
1
1.25
1.5
VCM (V)
-40
-30
-20
-10
0
10
20
30
40
VS = 2V
25°C
-40°C
0
0.25
0.5
0.75
1
1.25
1.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
VCM (V)
VS = 2V
85°C
125°C
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Input Bias Current vs.
Input Bias Current vs.
VCM
VCM
Figure 22.
Figure 23.
Input Bias Current vs.
Input Bias Current vs.
VCM
VCM
Figure 24.
Figure 25.
Input Bias Current vs.
Input Bias Current vs.
VCM
VCM
Figure 26.
Figure 27.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com